Part Number Hot Search : 
UPB428C RB520 20680 CXA1219M MJE13007 AN440 74AUP1 61713
Product Description
Full Text Search
 

To Download IMC-0402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model IMC-0402
Vishay Dale
Inductors
High Frequency, Laser Spiral, Coated, Surface Mount
FEATURES
* * * * Small size. High Q. No polarity considerations. High SRF.
APPLICATIONS
* High frequency (up TO 6GHz). * Portable communication devices.
ELECTRICAL SPECIFICATIONS
Inductance Tolerance: 1.0nH to 5.6nH 0.3nH. 6.8nH to 47nH 5%. Temperature Rating: - 40C to + 85C.
MATERIAL SPECIFICATIONS
Core Material: Ceramic.
PACKAGING
Paper tape and reel per EIA 481-1. 10,000 pieces per reel.
STANDARD ELECTRICAL SPECIFICATIONS
L @ 100MHz (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 L TOLERANCE 0.3nH, 30% 0.3nH,25% 0.3nH, 20% 0.3nH, 17% 0.3nH, 14% 0.3nH, 11% 0.3nH, 9% 0.3nH, 8% 0.3nH, 6% 0.3nH, 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% Q MIN. @ 100MHz 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 Q MIN. @ 800MHz 21 21 21 21 21 21 21 20 20 20 19 19 19 19 19 19 19 19 19 19 19 TYP. Q @ 1.8GHz 75 70 65 75 60 58 58 55 55 50 50 50 45 40 40 35 30 30 25 20 18 MIN. SRF (MHz) 6000 6000 6000 6000 6000 5500 5500 5200 4800 4600 4000 3500 2800 2800 2500 2200 2000 1800 1800 1800 1800 DCR MAX. W 0.05 0.06 0.07 0.08 0.09 0.10 0.12 0.15 0.17 0.19 0.30 0.35 0.41 0.45 0.60 0.70 0.80 1.20 1.40 1.70 2.10 MAX. RATED I (mA) 400 400 400 400 400 400 400 360 360 340 320 320 320 320 240 240 200 200 170 150 140
DIMENSIONAL CONFIGURATIONS [Numbers in brackets indicate millimeters]
0.008 0.004 [0.2 0.1] 0.008 0.004 [0.2 0.1] 0.020 .006 [0.5 0.15] 0.040 0.006 [1.0 0.15] 0.020 0.006 [0.5 0.15] 0.022 0.002 [0.5 0.15] 0.063 0.004 [1.6 0.15] 0.022 0.002 [0.55 0.15]
90/10 Sn/Pb Termination
Solder Pad Layout
HOW TO ORDER
IMC-0402 MODEL www.vishay.com 38 3.3NH INDUCTANCE
9% TOLERANCE
Document Number 34038 Revision 30-Jun-00
Model IMC-0402
Vishay Dale
TYPICAL CURVES - FREQUENCY CHARACTERISTICS
IMC-0402 L & Q vs Frequency 1.0nH - 2.2nH 8 7 6 5 L (nH) 4 3 2 1 0 100 1000 IMC-0402 L & Q vs Frequency 10nH - 22nH 100 90 80 70 L (nH) 60 50 40 30 20 10 0 100 1000 0 10000 25 100 1000 20 10 55 45 35
47nH Q
IMC-0402 L & Q vs Frequency 3.3nH - 6.8nH 80 70 60 50 Q 40 30 20 10 0 10000 L (nH) 35 30 25 20 15 10 5 0 100 1000 IMC-0402 L & Q vs Frequency 33nH - 47nH 60 50 105 95 85 L (nH) 40 30 Q 75 65
33nH Q 6.8nH Q 3.3nH Q
1.0nH Q
70 60 50 40 30 20 10 0 10000 Q 40 35 30 Q 25 20 15 10 5 0 10000 E1 OD0 F W T2 P1 T1 W2 ON OA W1 Empty Tape Cover Tape Leader Unreel Direction 160mm Minimum 390mm Minimum
2.2nH Q
10nH Q
22nH Q
TAPE AND REEL SPECIFICATION 0402 SIZE PER EIA-481-1
A0 B0 D0 E1 F T1 P0 P1 P2 W T2 A C W1 W2 N 0.028 0.004 [0.71 0.1] 0.048 0.004 [1.21 0.1] 0.059 + 0.005/-0.000 [1.5] 0.069 0.004 [1.75 0.1] 0.138 0.002 [3.50 0.05] 0.028 Max. [0.7 Max.] 0.157 0.004 [4.00 0.1] 0.079 0.004 [2.00 0.1] 0.079 0.002 [2.00 0.05] 0.327 Max. [8.3 Max.] 0.039 Max. [1.0 Max.] 7.000 0.078 [178 2.0] 0.512 [13] 0.331 + 0.059/-0.000 [8.0] 0.567 Max. [14.4] 1.968 Min. [50 Min.]
[Numbers in brackets indicate millimeters]
P2 P0 B0 A0
OC
Empty Trailer
Components
160mm Minimum
Document Number 34038 Revision 30-Jun-00
www.vishay.com 39


▲Up To Search▲   

 
Price & Availability of IMC-0402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X